Part Number Hot Search : 
12K32Q FN4579 LK115D48 045984 66181 A1914 LTC2122 TM9128PM
Product Description
Full Text Search
 

To Download NFC15-48S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFC15 SERIES
Single and dual output
* * * * * * * * 4:1 input voltage range Low profile 0.46 inch 10.2 Watts/cubic inch 80% efficiency UL, CSA and VDE safety approvals Inhibit/sync function Overvoltage protection Fixed frequency operation
The NFC15 series of DC/DC converters are economical 15 Watt, hybrid DC/DC converters that accept input voltages ranging from 20VDC to 72VDC. A constant efficiency of 80% is maintained over the entire input voltage range. The isolated floating output can be referenced as either positive or negative, or stacked in series for higher output voltages. All models include current limited outputs, overvoltage protection and remote on/off. Packaged in a low profile 2.0 x 1.6 x 0.46 inch case, the NFC15 is ideal for space critical applications in telecommunications, data communications and distributed power networks.
[ 2 YEAR WARRANTY ]
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage adjustability Line regulation Load regulation Ripple and noise Temperature coefficient Overvoltage protection Short circuit protection (See Note 8) INPUT SPECIFICATIONS Input voltage range Input filter (See Note 5) Input current Remote ON/OFF Logic compatibility Logic on Logic off Frequency synchronization Synchronization function Surge protection
All specifications are typical at nominal input, full load at 25C unless otherwise stated GENERAL SPECIFICATIONS 1.0% 1.5% 10% Switching frequency Fixed 200kHz 5.0% VDE0805, EN60950 IEC950, UL1950 CSA C22.2 No. 950 Aluminum alloy, hard black anodized finish 10% glass reinforced polyetherimide GE ULTEM #2110 or equivalent UL94V-0 45g (1.6oz) MIL-HDBK-217F Bellcore 332 >436,000 hours >950,000 hours 0.5% max. 0.5% max. 1.0% max. 5.0% max. Case material Approvals and standards Efficiency Isolation voltage Input/output 80% typical 500VDC
Single output Dual output All outputs LL to HL at FL, singles LL to HL at FL, duals FL to NL, single output FL to NL, dual output 5Hz to 20MHz
75mV pk-pk max. 15mV rms Cover material 0.02%/C, max.
See table
Clamp Material flammability Continuous automatic recovery Weight MTBF 20 to 72VDC ENVIRONMENTAL SPECIFICATIONS External capacitor Thermal performance Operating ambient, -25C to +60C (See Graph 2) Option (See Note 6) -40C to +60C Non-operating amb. -55C to +125C Max. case temperature, +105C max. (See Note 7) Derating See curve Cooling Free air convection cooled
48VDC nominal
No load Full load
15mA 400mA CMOS/TTL Logic high or open Logic low or Jumper pin 2 and 4 Switching frequency 10% Negative going pulse on pin 4 max. 25% duty cycle 100V for 100ms
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1075 Licence No. 1629 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
PAGE 116
DC/DC CONVERTERS
|
15W DC/DC
15 Watt Wide input DC/DC converters
INPUT VOLTAGE
(1)
OUTPUT VOLTAGE 5VDC 12VDC 15VDC 12VDC 15VDC
OVP 6.2VDC 15VDC 18VDC 30VDC 36VDC
OUTPUT CURRENT 3000mA 1250mA 1000mA 625mA 500mA
INPUT CURRENT 400mA 400mA 400mA 400mA 400mA
(2)
TYPICAL EFFICIENCY 79% 81% 81% 80% 80%
REGULATION LINE
(3)
LOAD 1% 1% 1% 5% 5%
(4)
MODEL NUMBER NFC15-48S05 NFC15-48S12 NFC15-48S15 NFC15-48D12 NFC15-48D15
(6)
20-72VDC 20-72VDC 20-72VDC 20-72VDC 20-72VDC Notes
1 2 3 4 5
0.5% 0.5% 0.5% 0.5% 0.5%
6
7 8
Nominal input voltage is 48VDC. Maximum figure, at full load. Measured from low line to high line at full load. Measured from full load to no load. An external filter capacitor, connected across the inputs, is required for normal operation. Capacitor should be capable of handling 600mA ripple current. Suitable capacitor: Nippon Chemi-Con SXE series, 56F, 100V. As a factory added option, the NFC15-48S15 can be operated down to -40C. The suffix `-4' should be added to the model number when ordering, e.g. NFC15-48S15-4. Maximum case temperature must not be exceeded. Derating curve may be extended or restricted depending on cooling. Long term continuous operation into a short circuit will compromise the reliability of the unit.
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by 10% using either method shown below.
6 6
TRIM DOWN
8 8
RTD
10 K TRIMPOT
8 10K
TRIM UP
7
RTU
7
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 SINGLE OUTPUT + Input - Input No Pin Control No Pin + Output - Output Trim DUAL OUTPUT + Input - Input No Pin Control + Output Common - Output Trim
1.60 (40.6) 0.40 0.60 (10.2) (15.2) 0.70 (17.8) 0.20 (5.1) 6 1 2 3 4 BOTTOM VIEW 7 0.70 (17.8) 0.15 (3.8) Min. 0.10 (2.5) 1.80 (45.70) 2.00 (50.8) 0.46 (11.7) Stand-off 0.020 0.010 0.040 Dia. (1.0)
0.40 (10.2) 5 0.50 (12.70)
5
8 0.40 (10.2)
ALL DIMENSIONS IN INCHES (mm)
15W VIN 60V VIN > 60V "-4" OPTION
NATURAL CONVECTION COOLING
0W -40C -20C 0C 20C 40C 60C 80C 100C
MAXIMUM CASE TEMPERATURE UNDER ANY OPERATING CONDITION IS 105C
Graph 2 : Operating Limits and Output Power Range
DS_NFC15_20000101.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 117


▲Up To Search▲   

 
Price & Availability of NFC15-48S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X